Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8308CVMADDA Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MPC8308CVMADDA Datasheet HTML 53Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 54Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 55Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 56Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 57Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 58Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 59Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 60Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
Freescale Semiconductor
57
IPIC
18 IPIC
This section describes the DC and AC electrical specifications for the external interrupt pins.
18.1
IPIC DC Electrical Characteristics
This table provides the DC electrical characteristics for the external interrupt pins.
18.2
IPIC AC Timing Specifications
This table provides the IPIC input and output AC timing specifications.
19 SPI
This section describes the DC and AC electrical specifications for the SPI of the device.
19.1
SPI DC Electrical Characteristics
This table provides the DC electrical characteristics for the MPC8308 SPI.
Table 49. IPIC DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.1
NVDD +0.3
V
Input low voltage
VIL
—–0.3
0.8
V
Input current
IIN
——
±5
A
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Table 50. IPIC Input AC Timing Specifications
Characteristic
Symbol1
Min
Unit
IPIC inputs—minimum pulse width
tPIWID
20
ns
Note:
1. IPIC inputs and outputs are asynchronous to any visible clock. IPIC outputs should be synchronized
before use by any external synchronous logic. IPIC inputs are required to be valid for at least tPIWID ns
to ensure proper operation when working in edge triggered mode.
Table 51. SPI DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.1
NVDD +0.3
V
Input low voltage
VIL
—–0.3
0.8
V
Input current
IIN
0 V
 V
IN  NVDD
—
± 5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com