| Electronic Components Datasheet Search |
|
MPC8308CVMADDA Datasheet(PDF) 54 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8308CVMADDA Datasheet(HTML) 54 Page - NXP Semiconductors |
|
54 / 95 page ![]() MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4 54 Freescale Semiconductor I2C This figure provides the AC test load for the I2C. Figure 45. I2C AC Test Load This figure shows the AC timing diagram for the I2C bus. Figure 46. I2C Bus AC Timing Diagram Setup time for STOP condition tI2PVKH 0.6 — s Bus free time between a STOP and START condition tI2KHDX 1.3 — s Noise margin at the LOW level for each connected device (including hysteresis) VNL 0.1 NV DD —V Noise margin at the HIGH level for each connected device (including hysteresis) VNH 0.2 NV DD —V Notes: 1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tI2DVKH symbolizes I 2C timing (I2) with respect to the time data input signals (D) reach the valid state (V) relative to the tI2C clock reference (K) going to the high (H) state or setup time. Also, tI2SXKL symbolizes I 2C timing (I2) for the time that the data with respect to the start condition (S) went invalid (X) relative to the tI2C clock reference (K) going to the low (L) state or hold time. Also, tI2PVKH symbolizes I 2C timing (I2) for the time that the data with respect to the stop condition (P) reaching the valid state (V) relative to the tI2C clock reference (K) going to the high (H) state or setup time. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). 2. The device provides a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the undefined region of the falling edge of SCL. 3. The maximum tI2DXKL has only to be met if the device does not stretch the LOW period (tI2CL) of the SCL signal. 4. CB = capacitance of one bus line in pF. 5. The device does not follow the I2C-BUS Specifications, Version 2.1, regarding the tI2CF AC parameter. Table 44. I2C AC Electrical Specifications (continued) All values refer to VIH (min) and VIL (max) levels (see Table 43). Parameter Symbol1 Min Max Unit Output Z0 = 50 NVDD/2 RL = 50 Sr S SDA SCL tI2CF tI2SXKL tI2CL tI2CH tI2DXKL tI2DVKH tI2SXKL tI2SVKH tI2KHKL tI2PVKH tI2CR tI2CF PS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |