Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8308CVMADDA Datasheet(PDF) 38 Page - NXP Semiconductors

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button MPC8308CVMADDA Datasheet HTML 34Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 35Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 36Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 37Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 38Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 39Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 40Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 41Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
38
Freescale Semiconductor
PCI Express
Figure 27. Minimum Transmitter Timing and Voltage Output Compliance Specifications
11.4.3
Differential Receiver (RX) Input Specifications
This table defines the specifications for the differential input at all receivers (RXs). The parameters are
specified at the component pins.
Table 35. Differential Receiver (RX) Input Specifications
Parameter
Symbol
Comments
Min
Typical
Max
Units Note
Unit interval
UI
Each UPERX is 400 ps ± 300 ppm.
UPERX does not account for Spread
Spectrum Clock dictated variations.
399.88
400
400.12
ps
1
Differential peak-to-peak
output voltage
VRX-DIFFp-p
VPEDPPRX = 2*|VRX-D+ - VRX-D-|
0.175
—
1.200
V
2
Minimum receiver eye width
TRX-EYE
The maximum interconnect media and
Transmitter jitter that can be tolerated
by the Receiver can be derived as
TRX-MAX-JITTER = 1 - UPEEWRX= 0.6 UI.
0.4
—
—
UI
2, 3
Maximum time between the
jitter median and maximum
deviation from the median.
TRX-EYE-MEDIAN-to-
MAX-JITTER
Jitter is defined as the measurement
variation of the crossing points
(VPEDPPRX = 0 V) in relation to a
recovered TX UI. A recovered TX UI is
calculated over 3500 consecutive unit
intervals of sample data. Jitter is
measured using all edges of the 250
consecutive UI in the center of the 3500
UI used for calculating the TX UI.
——
0.3
UI
2, 3,
7
[De-emphasized Bit]
566 mV (3 dB) >= VTX-DIFFp-p-MIN >= 505 mV (4 dB)
[Transition Bit]
VTX-DIFFp-p-MIN = 800 mV
[Transition Bit]
VTX-DIFFp-p-MIN = 800 mV
0.7 UI = UI – 0.3 UI(JTX-TOTAL-MAX)
VTX-DIFF = 0 mV
(D+ D– Crossing Point)
VTX-DIFF = 0 mV
(D+ D– Crossing Point)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com