Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SS Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC18F1230-E/SS
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SS Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC18F1230-E/SS Datasheet HTML 32Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 33Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 34Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 35Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 36Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 37Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 38Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 39Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 312 page
background image
PIC18F1230/1330
DS39758B-page 34
Advance Information
© 2006 Microchip Technology Inc.
REGISTER 4-1:
RCON: RESET CONTROL REGISTER
R/W-0
R/W-1(1)
U-0
R/W-1
R-1
R-1
R/W-0(2)
R/W-0
IPEN
SBOREN
—RI
TO
PD
POR
BOR
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
IPEN: Interrupt Priority Enable bit
1
= Enable priority levels on interrupts
0
= Disable priority levels on interrupts (PIC16CXXX Compatibility mode)
bit 6
SBOREN: BOR Software Enable bit(1)
If BOREN1:BOREN0 = 01:
1
= BOR is enabled
0
= BOR is disabled
If BOREN1:BOREN0 = 00, 10 or 11:
Bit is disabled and read as ‘0’.
bit 5
Unimplemented: Read as ‘0’
bit 4
RI: RESET Instruction Flag bit
1
= The RESET instruction was not executed (set by firmware only)
0
= The RESET instruction was executed causing a device Reset (must be set in software after a
Brown-out Reset occurs)
bit 3
TO: Watchdog Time-out Flag bit
1
= Set by power-up, CLRWDT instruction or SLEEP instruction
0
= A WDT time-out occurred
bit 2
PD: Power-Down Detection Flag bit
1
= Set by power-up or by the CLRWDT instruction
0
= Set by execution of the SLEEP instruction
bit 1
POR: Power-on Reset Status bit(2)
1
= A Power-on Reset has not occurred (set by firmware only)
0
= A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0
BOR: Brown-out Reset Status bit
1
= A Brown-out Reset has not occurred (set by firmware only)
0
= A Brown-out Reset occurred (must be set in software after a Brown-out Reset occurs)
Note 1:
If SBOREN is enabled, its Reset state is ‘1’; otherwise, it is ‘0’.
2:
The actual Reset value of POR is determined by the type of device Reset. See the notes following this
register and Section 4.6 “Reset State of Registers” for additional information.
Note 1: It is recommended that the POR bit be set after a Power-on Reset has been detected so that subsequent
Power-on Resets may be detected.
2: Brown-out Reset is said to have occurred when BOR is ‘0’ and POR is ‘1’ (assuming that POR was set to
‘1’ by software immediately after a Power-on Reset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com