Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SS Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC18F1230-E/SS
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SS Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC18F1230-E/SS Datasheet HTML 40Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 41Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 42Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 43Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 44Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 45Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 46Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 47Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 312 page
background image
PIC18F1230/1330
DS39758B-page 42
Advance Information
© 2006 Microchip Technology Inc.
INDF2
1230
1330
N/A
N/A
N/A
POSTINC2
1230
1330
N/A
N/A
N/A
POSTDEC2
1230
1330
N/A
N/A
N/A
PREINC2
1230
1330
N/A
N/A
N/A
PLUSW2
1230
1330
N/A
N/A
N/A
FSR2H
1230
1330
---- 0000
---- 0000
---- uuuu
FSR2L
1230
1330
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
1230
1330
---x xxxx
---u uuuu
---u uuuu
TMR0H
1230
1330
0000 0000
0000 0000
uuuu uuuu
TMR0L
1230
1330
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
1230
1330
1111 1111
1111 1111
uuuu uuuu
OSCCON
1230
1330
0100 q000
0100 q000
uuuu uuqu
LVDCON
1230
1330
--00 0101
--00 0101
--uu uuuu
WDTCON
1230
1330
---- ---0
---- ---0
---- ---u
RCON(4)
1230
1330
0q-1 11q0
0q-q qquu
uq-u qquu
TMR1H
1230
1330
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1L
1230
1330
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
1230
1330
0000 0000
u0uu uuuu
uuuu uuuu
ADRESH
1230
1330
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
1230
1330
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
1230
1330
0--- 0000
0--- 0000
u--- uuuu
ADCON1
1230
1330
---0 1111
---0 1111
---u uuuu
ADCON2
1230
1330
0-00 0000
0-00 0000
u-uu uuuu
BAUDCON
1230
1330
01-0 0-00
01-0 0-00
--uu uuuu
CVRCON
1230
1330
0-00 0000
0-00 0000
u-uu uuuu
CMCON
1230
1330
000- -000
000- -000
uuu- -uuu
SPBRGH
1230
1330
0000 0000
0000 0000
uuuu uuuu
SPBRG
1230
1330
0000 0000
0000 0000
uuuu uuuu
RCREG
1230
1330
0000 0000
0000 0000
uuuu uuuu
TXREG
1230
1330
0000 0000
0000 0000
uuuu uuuu
TXSTA
1230
1330
0000 0010
0000 0010
uuuu uuuu
RCSTA
1230
1330
0000 000x
0000 000x
uuuu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
Reset condition of PWMEN bits depends on the PWMPIN Configuration bit of CONFIG3L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com