Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SS Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC18F1230-E/SS
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SS Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC18F1230-E/SS Datasheet HTML 81Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 82Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 83Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 84Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 85Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 86Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 87Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 88Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 83
TABLE 9-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTA
RA7(1)
RA6(1)
RA5
RA4
RA3
RA2
RA1
RA0
44
LATA
LATA7(1)
LATA6(1)
PORTA Data Latch Register (Read and Write to Data Latch)
43
TRISA
TRISA7(1) TRISA6(1) PORTA Data Direction Control Register
43
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
41
INTCON2
RBPU
INTEDG0
INTEDG1 INTEDG2 INTEDG3
TMR0IP
INT3IP
RBIP
41
ADCON1
—
—
—
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
42
CMCON
C2OUT
C1OUT
C0OUT
—
—
CMEN2
CMEN1
CMEN0
42
CVRCON
CVREN
—
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
42
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTA.
Note 1:
RA7:RA6 and their associated latch and data direction bits are enabled as I/O pins based on oscillator
configuration; otherwise, they are read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com