Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SS Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC18F1230-E/SS
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SS Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC18F1230-E/SS Datasheet HTML 42Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 43Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 44Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 45Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 46Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 47Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 48Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 49Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 312 page
background image
PIC18F1230/1330
DS39758B-page 44
Advance Information
© 2006 Microchip Technology Inc.
SEVTCMPH
1230
1330
---- 0000
---- 0000
---- uuuu
PWMCON0
1230
1330
-100 -000(6)
-100 -000(6)
-uuu -uuu(6)
-000 -000(6)
-000 -000(6)
-uuu -uuu(6)
PWMCON1
1230
1330
0000 0-00
0000 0-00
uuuu u-uu
DTCON
1230
1330
0000 0000
0000 0000
uuuu uuuu
OVDCOND
1230
1330
--11 1111
--11 1111
--uu uuuu
OVDCONS
1230
1330
--00 0000
--00 0000
--uu uuuu
PORTB
1230
1330
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
1230
1330
xx0x 0000(5)
uu0u 0000(5)
uuuu uuuu(5)
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
Reset condition of PWMEN bits depends on the PWMPIN Configuration bit of CONFIG3L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com