Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SS Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC18F1230-E/SS
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SS Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC18F1230-E/SS Datasheet HTML 65Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 66Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 67Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 68Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 69Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 70Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 71Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 72Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 67
REGISTER 6-1:
EECON1: EEPROM CONTROL REGISTER 1
R/W-x
R/W-x
U-0
R/W-0
R/W-x
R/W-0
R/S-0
R/S-0
EEPGD
CFGS
—
FREE
WRERR(1)
WREN
WR
RD
bit 7
bit 0
Legend:
S = Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
EEPGD: Flash Program or Data EEPROM Memory Select bit
1
= Access Flash program memory
0
= Access data EEPROM memory
bit 6
CFGS: Flash Program/Data EEPROM or Configuration Select bit
1
= Access Configuration registers
0
= Access Flash program or data EEPROM memory
bit 5
Unimplemented: Read as ‘0’
bit 4
FREE: Flash Row Erase Enable bit
1
= Erase the program memory row addressed by TBLPTR on the next WR command
(cleared by completion of erase operation)
0
= Perform write-only
bit 3
WRERR: Flash Program/Data EEPROM Error Flag bit(1)
1
= A write operation is prematurely terminated (any Reset during self-timed programming in normal
operation, or an improper write attempt)
0
= The write operation completed
bit 2
WREN: Flash Program/Data EEPROM Write Enable bit
1
= Allows write cycles to Flash program/data EEPROM
0
= Inhibits write cycles to Flash program/data EEPROM
bit 1
WR: Write Control bit
1
= Initiates a data EEPROM erase/write cycle or a program memory erase cycle or write cycle.
(The operation is self-timed and the bit is cleared by hardware once write is complete.
The WR bit can only be set (not cleared) in software.)
0
= Write cycle to the EEPROM is complete
bit 0
RD: Read Control bit
1
= Initiates an EEPROM read. (Read takes one cycle. RD is cleared in hardware. The RD bit can only
be set (not cleared) in software. RD bit cannot be set when EEPGD = 1 or CFGS = 1.)
0
= Does not initiate an EEPROM read
Note 1:
When a WRERR occurs, the EEPGD and CFGS bits are not cleared. This allows tracing of the error
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com