Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SS Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC18F1230-E/SS
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SS Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC18F1230-E/SS Datasheet HTML 69Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 70Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 71Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 72Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 73Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 74Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 75Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 76Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 71
6.5
Writing to Flash Program Memory
The minimum programming block is 4 words or 8 bytes.
Word or byte programming is not supported.
Table writes are used internally to load the holding
registers needed to program the Flash memory. There
are 8 holding registers used by the table writes for
programming.
Since the Table Latch (TABLAT) is only a single byte,
the TBLWT instruction may need to be executed 8 times
for each programming operation. All of the table write
operations will essentially be short writes because only
the holding registers are written. At the end of updating
the 8 holding registers, the EECON1 register must be
written to in order to start the programming operation with
a long write.
The long write is necessary for programming the
internal Flash. Instruction execution is halted while in a
long write cycle. The long write will be terminated by
the internal programming timer.
The EEPROM on-chip timer controls the write time.
The write/erase voltages are generated by an on-chip
charge pump, rated to operate over the voltage range
of the device.
FIGURE 6-5:
TABLE WRITES TO FLASH PROGRAM MEMORY
6.5.1
FLASH PROGRAM MEMORY
WRITE SEQUENCE
The sequence of events for programming an internal
program memory location should be:
1.
Read 8 bytes into RAM.
2.
Update data values in RAM as necessary.
3.
Load Table Pointer register with address being
erased.
4.
Execute the row erase procedure.
5.
Load Table Pointer register with address of first
byte being written.
6.
Write the 8 bytes into the holding registers with
auto-increment.
7.
Set the EECON1 register for the write operation:
• set EEPGD bit to point to program memory;
• clear the CFGS bit to access program memory;
• set WREN to enable byte writes.
8.
Disable interrupts.
9.
Write 55h to EECON2.
10. Write 0AAh to EECON2.
11. Set the WR bit. This will begin the write cycle.
12. The CPU will stall for duration of the write (about
2 ms using internal timer).
13. Re-enable interrupts.
14. Verify the memory (table read).
This procedure will require about 6 ms to update one
row of 8 bytes of memory. An example of the required
code is given in Example 6-3.
Note:
The default value of the holding registers on
device Resets and after write operations is
FFh. A write of FFh to a holding register
does not modify that byte. This means that
individual bytes of program memory may be
modified, provided that the change does not
attempt to change any bit from a ‘0’ to a ‘1’.
When modifying individual bytes, it is not
necessary to load all 8 holding registers
before executing a write operation.
TABLAT
TBLPTR = xxxxx7
TBLPTR = xxxxx1
TBLPTR = xxxxx0
Write Register
TBLPTR = xxxxx2
Program Memory
Holding Register
Holding Register
Holding Register
Holding Register
8
8
8
8
Note:
Before setting the WR bit, the Table
Pointer address needs to be within the
intended address range of the 8 bytes in
the holding register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com