Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SS Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC18F1230-E/SS
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SS Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC18F1230-E/SS Datasheet HTML 43Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 44Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 45Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 46Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 47Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 48Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 49Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 50Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 45
5.0
MEMORY ORGANIZATION
There are three types of memory in PIC18 Enhanced
microcontroller devices:
• Program Memory
• Data RAM
• Data EEPROM
As Harvard architecture devices, the data and program
memories use separate busses; this allows for
concurrent access of the two memory spaces. The data
EEPROM, for practical purposes, can be regarded as
a peripheral device, since it is addressed and accessed
through a set of control registers.
Additional detailed information on the operation of the
Flash program memory is provided in Section 6.0
“Flash
Program
Memory”.
Data
EEPROM
is
discussed separately in Section 7.0 “Data EEPROM
Memory”.
5.1
Program Memory Organization
PIC18 microcontrollers implement a 21-bit program
counter, which is capable of addressing a 2-Mbyte
program memory space. Accessing a location between
the upper boundary of the physically implemented
memory and the 2-Mbyte address will return all ‘0’s (a
NOP
instruction).
The PIC18F1230 has 4 Kbytes of Flash memory and
can store up to 2,048 single-word instructions. The
PIC18F1330 has 8 Kbytes of Flash memory and can
store up to 4,096 single-word instructions.
PIC18 devices have two interrupt vectors. The Reset
vector address is at 0000h and the interrupt vector
addresses are at 0008h and 0018h.
The program memory maps for PIC18F1230 and
PIC18F1330 devices are shown in Figure 5-1.
FIGURE 5-1:
PROGRAM MEMORY MAP AND STACK FOR PIC18F1230/1330 DEVICES
PC<20:0>
Stack Level 1
•
Stack Level 31
Reset Vector
Low Priority Interrupt Vector
•
•
CALL,RCALL,RETURN
RETFIE,RETLW
21
0000h
0018h
On-Chip
Program Memory
High Priority Interrupt Vector 0008h
1FFFFFh
1000h
0FFFh
Read ‘0’
200000h
PC<20:0>
Stack Level 1
•
Stack Level 31
Reset Vector
Low Priority Interrupt Vector
•
•
CALL,RCALL,RETURN
RETFIE,RETLW
21
0000h
0018h
2000h
1FFFh
On-Chip
Program Memory
High Priority Interrupt Vector 0008h
Read ‘0’
1FFFFFh
200000h
PIC18F1230
PIC18F1330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com