Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SS Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC18F1230-E/SS
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SS Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC18F1230-E/SS Datasheet HTML 41Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 42Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 43Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 44Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 45Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 46Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 47Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 48Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 43
EEADR
1230
1330
0000 0000
0000 0000
uuuu uuuu
EEDATA
1230
1330
0000 0000
0000 0000
uuuu uuuu
EECON2
1230
1330
0000 0000
0000 0000
0000 0000
EECON1
1230
1330
xx-0 x000
uu-0 u000
uu-0 u000
IPR3
1230
1330
---0 ----
---0 ----
---u ----
PIR3
1230
1330
---0 ----
---0 ----
---u ----
PIE3
1230
1330
---0 ----
---0 ----
---u ----
IPIR2
1230
1330
1--1 -1--
1--1 -1--
u--u -u--
PIR2
1230
1330
0--0 -0--
0--0 -0--
u--u -u--(1)
PIE2
1230
1330
0--0 -0--
0--0 -0--
u--u -u--
IPR1
1230
1330
-111 1111
-111 1111
-uuu uuuu
PIR1
1230
1330
-000 0000
-000 0000
-uuu uuuu(1)
PIE1
1230
1330
-000 0000
-000 0000
-uuu uuuu
OSCTUNE
1230
1330
00-0 0000
00-0 0000
uu-u uuuu
PTCON0
1230
1330
0000 0000
uuuu uuuu
uuuu uuuu
PTCON1
1230
1330
00-- ----
00-- ----
uu-- ----
PTMRL
1230
1330
0000 0000
0000 0000
uuuu uuuu
PTMRH
1230
1330
---- 0000
---- 0000
---- uuuu
PTPERL
1230
1330
1111 1111
1111 1111
uuuu uuuu
PTPERH
1230
1330
---- 1111
---- 1111
---- uuuu
TRISB
1230
1330
1111 1111
1111 1111
uuuu uuuu
TRISA
1230
1330
1111 1111(5)
1111 1111(5)
uuuu uuuu(5)
PDC0L
1230
1330
0000 0000
0000 0000
uuuu uuuu
PDC0H
1230
1330
--00 0000
--00 0000
--uu uuuu
PDC1L
1230
1330
0000 0000
0000 0000
uuuu uuuu
PDC1H
1230
1330
--00 0000
--00 0000
--uu uuuu
PDC2L
1230
1330
0000 0000
0000 0000
uuuu uuuu
PDC2H
1230
1330
--00 0000
--00 0000
--uu uuuu
FLTCONFIG
1230
1330
0--- -000
0--- -000
u--- -uuu
LATB
1230
1330
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA
1230
1330
xxxx xxxx(5)
uuuu uuuu(5)
uuuu uuuu(5)
SEVTCMPL
1230
1330
0000 0000
0000 0000
uuuu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
Reset condition of PWMEN bits depends on the PWMPIN Configuration bit of CONFIG3L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com