Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SS Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC18F1230-E/SS
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SS Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC18F1230-E/SS Datasheet HTML 88Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 89Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 90Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 91Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 92Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 93Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 94Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 95Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 312 page
background image
PIC18F1230/1330
DS39758B-page 90
Advance Information
© 2006 Microchip Technology Inc.
REGISTER 10-2:
INTCON2: INTERRUPT CONTROL REGISTER 2
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
RBPU
INTEDG0
INTEDG1
INTEDG2
INTEDG3
TMR0IP
INT3IP
RBIP
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RBPU: PORTB Pull-up Enable bit
1
= All PORTB pull-ups are disabled
0
= PORTB pull-ups are enabled by individual port latch values
bit 6
INTEDG0: External Interrupt 0 Edge Select bit
1
= Interrupt on rising edge
0
= Interrupt on falling edge
bit 5
INTEDG1: External Interrupt 1 Edge Select bit
1
= Interrupt on rising edge
0
= Interrupt on falling edge
bit 4
INTEDG2: External Interrupt 2 Edge Select bit
1
= Interrupt on rising edge
0
= Interrupt on falling edge
bit 3
INTEDG3: External Interrupt 3 Edge Select bit
1
= Interrupt on rising edge
0
= Interrupt on falling edge
bit 2
TMR0IP: TMR0 Overflow Interrupt Priority bit
1
= High priority
0
= Low priority
bit 1
INT3IP: INT3 External Interrupt Priority bit
1
= High priority
0
= Low priority
bit 0
RBIP: RB Port Change Interrupt Priority bit
1
= High priority
0
= Low priority
Note:
Interrupt flag bits are set when an interrupt condition occurs, regardless of the state of its corresponding
enable bit or the global interrupt enable bit. User software should ensure the appropriate interrupt flag bits
are clear prior to enabling an interrupt. This feature allows for software polling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com