Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SS Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC18F1230-E/SS
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SS Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC18F1230-E/SS Datasheet HTML 13Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 14Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 15Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 16Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 17Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 18Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 19Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 20Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 15
2.0
OSCILLATOR
CONFIGURATIONS
2.1
Oscillator Types
PIC18F1230/1330 devices can be operated in ten
different oscillator modes. The user can program the
Configuration bits, FOSC3:FOSC0, in Configuration
Register 1H to select one of these ten modes:
1.
LP
Low-Power Crystal
2.
XT
Crystal/Resonator
3.
HS
High-Speed Crystal/Resonator
4.
HSPLL High-Speed Crystal/Resonator
with PLL enabled
5.
RC
External Resistor/Capacitor with
FOSC/4 output on RA6
6.
RCIO
External Resistor/Capacitor with I/O
on RA6
7.
INTIO1 Internal Oscillator with FOSC/4 output
on RA6 and I/O on RA7
8.
INTIO2 Internal Oscillator with I/O on RA6
and RA7
9.
EC
External Clock with FOSC/4 output
10. ECIO
External Clock with I/O on RA6
2.2
Crystal Oscillator/Ceramic
Resonators
In XT, LP, HS or HSPLL Oscillator modes, a crystal or
ceramic resonator is connected to the OSC1 and
OSC2 pins to establish oscillation. Figure 2-1 shows
the pin connections.
The oscillator design requires the use of a parallel cut
crystal.
FIGURE 2-1:
CRYSTAL/CERAMIC
RESONATOR OPERATION
(XT, LP, HS OR HSPLL
CONFIGURATION)
TABLE 2-1:
CAPACITOR SELECTION FOR
CERAMIC RESONATORS
Note:
Use of a series cut crystal may give a fre-
quency out of the crystal manufacturer’s
specifications.
Typical Capacitor Values Used:
Mode
Freq
OSC1
OSC2
XT
3.58 MHz
4.19 MHz
4 MHz
4 MHz
15 pF
15 pF
30 pF
50 pF
15 pF
15 pF
30 pF
50 pF
Capacitor values are for design guidance only.
Different capacitor values may be required to produce
acceptable oscillator operation. The user should test
the performance of the oscillator over the expected
VDD and temperature range for the application.
See the notes following Table 2-2 for additional
information.
Note 1:
See Table 2-1 and Table 2-2 for initial values of
C1 and C2.
2:
A series resistor (RS) may be required for AT
strip cut crystals.
3:
RF varies with the oscillator mode chosen.
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF
(3)
Sleep
To
Logic
PIC18FXXXX
RS(2)
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com