Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SS Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC18F1230-E/SS
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SS Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC18F1230-E/SS Datasheet HTML 97Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 98Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 99Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 100Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 101Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 102Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 103Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 104Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 99
10.6
INTn Pin Interrupts
External interrupts on the RA0/INT0, RA1/INT1, RB2/
INT2 and RB3/INT3 pins are edge-triggered. If the
corresponding INTEDGx bit in the INTCON2 register is
set (= 1), the interrupt is triggered by a rising edge; if
the bit is clear, the trigger is on the falling edge. When
a valid edge appears on the pin, the corresponding flag
bit, INTxIF, is set. This interrupt can be disabled by
clearing the corresponding enable bit, INTxIE. Flag bit,
INTxIF, must be cleared in software in the Interrupt
Service Routine before re-enabling the interrupt.
All external interrupts (INT0, INT1, INT2 and INT3) can
wake-up the processor from Idle or Sleep modes if bit
INTxIE was set prior to going into those modes. If the
Global Interrupt Enable bit, GIE, is set, the processor
will branch to the interrupt vector following wake-up.
Interrupt priority for INT1, INT2 and INT3 is determined
by the value contained in the interrupt priority bits,
INT1IP (INTCON3<6>), INT2IP (INTCON3<7>) and
INT3IP (INTCON2<1>). There is no priority bit
associated with INT0. It is always a high priority
interrupt source.
10.7
TMR0 Interrupt
In 8-bit mode (which is the default), an overflow in the
TMR0 register (FFh
→ 00h) will set flag bit, TMR0IF. In
16-bit mode, an overflow in the TMR0H:TMR0L
register pair (FFFFh
→ 0000h) will set TMR0IF. The
interrupt can be enabled/disabled by setting/clearing
enable bit, TMR0IE (INTCON<5>). Interrupt priority for
Timer0 is determined by the value contained in the
interrupt priority bit, TMR0IP (INTCON2<2>). See
Section 11.0 “Timer0 Module” for further details on
the Timer0 module.
10.8
Interrupt-on-Change
An input change on PORTA<1:0> and/or PORTB<2:3>
sets flag bit, RBIF (INTCON<0>). The interrupt can be
enabled/disabled by setting/clearing enable bit, RBIE
(INTCON<3>). Interrupt priority for interrupt-on-change
is determined by the value contained in the interrupt
priority bit, RBIP (INTCON2<0>).
10.9
Context Saving During Interrupts
During interrupts, the return PC address is saved on
the stack. Additionally, the WREG, STATUS and BSR
registers are saved on the fast return stack. If a fast
return from interrupt is not used (see Section 5.3
“Data Memory Organization”), the user may need to
save the WREG, STATUS and BSR registers on entry
to the Interrupt Service Routine. Depending on the
user’s application, other registers may also need to be
saved. Example 10-1 saves and restores the WREG,
STATUS and BSR registers during an Interrupt Service
Routine.
EXAMPLE 10-1:
SAVING STATUS, WREG AND BSR REGISTERS IN RAM
MOVWF
W_TEMP
; W_TEMP is in virtual bank
MOVFF
STATUS, STATUS_TEMP
; STATUS_TEMP located anywhere
MOVFF
BSR, BSR_TEMP
; BSR_TMEP located anywhere
;
; USER ISR CODE
;
MOVFF
BSR_TEMP, BSR
; Restore BSR
MOVF
W_TEMP, W
; Restore WREG
MOVFF
STATUS_TEMP, STATUS
; Restore STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com