Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPW12 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPW12
Description  Programmable electronic power breaker for 12 V bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPW12 Datasheet(HTML) 5 Page - STMicroelectronics

  STPW12 Datasheet HTML 1Page - STMicroelectronics STPW12 Datasheet HTML 2Page - STMicroelectronics STPW12 Datasheet HTML 3Page - STMicroelectronics STPW12 Datasheet HTML 4Page - STMicroelectronics STPW12 Datasheet HTML 5Page - STMicroelectronics STPW12 Datasheet HTML 6Page - STMicroelectronics STPW12 Datasheet HTML 7Page - STMicroelectronics STPW12 Datasheet HTML 8Page - STMicroelectronics STPW12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
3
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Positive power supply voltage
-0.3 to 25
V
VOUT
Output voltage
-0.3 to VIN + 0.3
V
Rset
Rset pin voltage
-0.3 to 7
V
Cset
Cset pinvoltage
-0.3 to 7
V
Rdelay
Rdelay pin voltage
-0.3 to 7
V
Monitor/fault
Monitor/fault pin voltage
-0.3 to 7
V
ID
Continuous current
Internally limited
A
TJ
Operating junction temperature range (1)
-40 to 125
°C
TSTG
Storage temperature range
-65 to 150
°C
TLEAD
Lead temperature (soldering) 10 s
260
°C
1. The thermal shutdown limit is set above the maximum thermal ratings. It is not recommended to operate the device at
temperatures greater than the maximum ratings for extended periods of time.
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied.
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
40
°C/W
RthJC
Thermal resistance junction-case
12
°C/W
STPW12
Maximum ratings
DS12478 - Rev 1
page 5/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com