Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPW12 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPW12
Description  Programmable electronic power breaker for 12 V bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPW12 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPW12 Datasheet HTML 6Page - STMicroelectronics STPW12 Datasheet HTML 7Page - STMicroelectronics STPW12 Datasheet HTML 8Page - STMicroelectronics STPW12 Datasheet HTML 9Page - STMicroelectronics STPW12 Datasheet HTML 10Page - STMicroelectronics STPW12 Datasheet HTML 11Page - STMicroelectronics STPW12 Datasheet HTML 12Page - STMicroelectronics STPW12 Datasheet HTML 13Page - STMicroelectronics STPW12 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Figure 16. Auto-retry delay time vs. CS
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2 2.1
Auto-retry delay [s]
Figure 17. Monitor voltage vs. power
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
0
5
10
15
Power [W]
VIN = 12 V
STPW12
Typical characteristics
DS12478 - Rev 1
page 10/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com