Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPW12 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPW12
Description  Programmable electronic power breaker for 12 V bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPW12 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPW12 Datasheet HTML 5Page - STMicroelectronics STPW12 Datasheet HTML 6Page - STMicroelectronics STPW12 Datasheet HTML 7Page - STMicroelectronics STPW12 Datasheet HTML 8Page - STMicroelectronics STPW12 Datasheet HTML 9Page - STMicroelectronics STPW12 Datasheet HTML 10Page - STMicroelectronics STPW12 Datasheet HTML 11Page - STMicroelectronics STPW12 Datasheet HTML 12Page - STMicroelectronics STPW12 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Figure 10. Enable thresholds vs. temperature
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
Temperature [ °C]
VIN = 12 V, IOUT = 50 mA
Figure 11. PWM thresholds vs. temperature
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
On threshold
Off threshold
VIN = 12 V, IOUT = 50 mA, EN = VIN
Figure 12. Bias current vs. temperature
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
VIN = 12 V, IOUT = 1 A, VEN
= 5 V
= VPWM
Figure 13. Off-state current vs. temperature
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
VEN = GND
VIN = 12 V,
Figure 14. Power limit accuracy vs. temperature
Figure 15. Power limit threshold vs. RS
0
5
10
15
20
25
0
2
4
6
8
10
12
14
16
18
20
RS [kΩ]
STPW12
Typical characteristics
DS12478 - Rev 1
page 9/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com