Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPW12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPW12
Description  Programmable electronic power breaker for 12 V bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPW12 Datasheet(HTML) 1 Page - STMicroelectronics

  STPW12 Datasheet HTML 1Page - STMicroelectronics STPW12 Datasheet HTML 2Page - STMicroelectronics STPW12 Datasheet HTML 3Page - STMicroelectronics STPW12 Datasheet HTML 4Page - STMicroelectronics STPW12 Datasheet HTML 5Page - STMicroelectronics STPW12 Datasheet HTML 6Page - STMicroelectronics STPW12 Datasheet HTML 7Page - STMicroelectronics STPW12 Datasheet HTML 8Page - STMicroelectronics STPW12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Power SO8
Features
•
Real-time input power sensing
•
Input voltage range: from 10.5 V to 18 V
•
Continuous current typ.: 1.5 A
•
P-channel on resistance typ.: 50 mΩ
•
Power limit accuracy typ.: 3%
•
Undervoltage lockout
•
Adjustable power limitation
•
PWM mode
•
Programmable power limit masking time
•
Programmable auto-retry delay
•
Thermal shutdown
•
Enable function
•
Short-circuit current limit
•
Operative junction temp. - 40 °C to 125 °C
•
Available in power SO8 package
•
Simplifies UL compliance and certification
Applications
•
White goods
•
Consumer electronics
•
Industrial applications
•
Air contidioner
•
User interface
•
Fan motor control
Description
The STPW12 is an integrated electronic power breaker, optimized to monitor the
input power.
Connected in series to the power rail, it is able to disconnect the electronic circuitry
on its output if the power consumption overcomes the programmed limit. When this
happens, the device automatically opens the integrated power switch and
disconnects the load.
The intervention of the protection is communicated to the board monitoring circuits
through a signal on the fault pin.
After a certain delay time, programmable by the user, the device automatically tries
again to close the internal switch and re-connect the load.
A dedicated monitor pin provides the user with continuous information on the
monitored power.
The device can be enabled/disabled through a dedicated pin, and a direct PWM
mode can be implemented providing PWM pin with an external signal.
Maturity status link
STPW12
Device summary
Order code
STPW12PHR
Package
Power SO8
Programmable electronic power breaker for 12 V bus
STPW12
Datasheet
DS12478 - Rev 1 - March 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPW12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
STP-0100-2115 BEL-STP-0100-2115 Datasheet
817Kb / 2P
Power in the Round 100 VA to 2000 VA
STP-0150-2115 BEL-STP-0150-2115 Datasheet
817Kb / 2P
Power in the Round 100 VA to 2000 VA
STP-0200-2115 BEL-STP-0200-2115 Datasheet
817Kb / 2P
Power in the Round 100 VA to 2000 VA
STP-0250-2115 BEL-STP-0250-2115 Datasheet
817Kb / 2P
Power in the Round 100 VA to 2000 VA
STP-0300-2115 BEL-STP-0300-2115 Datasheet
817Kb / 2P
Power in the Round 100 VA to 2000 VA
More results

Similar Description - STPW12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
Electronic fuse for 12 V line
14-Dec-2011
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
STEL12H24 STMICROELECTRONICS-STEL12H24 Datasheet
728Kb / 26P
Electronic switch for 12 V, 5 V and 3.3 V buses
13-Oct-2021
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
STEF12S STMICROELECTRONICS-STEF12S Datasheet
1Mb / 31P
Electronic fuse for 12 V line
28-Feb-2022
logo
PHOENIX CONTACT
1157279 PHOENIX-1157279 Datasheet
2Mb / 18P
CAPAROC E1 12-24DC/8A - Electronic circuit breaker
1157285 PHOENIX-1157285 Datasheet
2Mb / 16P
CAPAROC E1 12-24DC/4A - Electronic circuit breaker
1157286 PHOENIX-1157286 Datasheet
2Mb / 16P
CAPAROC E1 12-24DC/6A - Electronic circuit breaker
1157288 PHOENIX-1157288 Datasheet
2Mb / 16P
CAPAROC E1 12-24DC/1A - Electronic circuit breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com