Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPW12 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPW12
Description  Programmable electronic power breaker for 12 V bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPW12 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPW12 Datasheet HTML 7Page - STMicroelectronics STPW12 Datasheet HTML 8Page - STMicroelectronics STPW12 Datasheet HTML 9Page - STMicroelectronics STPW12 Datasheet HTML 10Page - STMicroelectronics STPW12 Datasheet HTML 11Page - STMicroelectronics STPW12 Datasheet HTML 12Page - STMicroelectronics STPW12 Datasheet HTML 13Page - STMicroelectronics STPW12 Datasheet HTML 14Page - STMicroelectronics STPW12 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
7
The STPW12 detailed description
7.1
Power breaker intervention and thermal shutdown
The device disconnects the load if the power overcomes the pre-set threshold.
The intervention threshold is programmed by the Rs resistor, connected by the Rset pin and GND. The Rs resistor
can be chosen with the help of the Figure 15. Power limit threshold vs. RS graph and can be rated for ¼ W.
The accuracy level of the limiting circuit is achieved by using high precision resistor (0.1%) for the Rs. The lower
precision resistors, the lower precision of the power limit.
The overcoming of the power limit threshold is signalled on the monitor/fault pin (see Figure 7. Masking time, fault
signal and Section 7.3 Monitor/fault pin description).
After a programmable delay time, the device attempts again to reconnect the load, by the auto-retry circuit. Each
auto-retry cycle starts with the defined masking time.
7.2
Current limit and thermal protections
The STPW12 is equipped with internal self-protections, such as: current limit and thermal shutdown.
Thermal shutdown is always active and occurs if the die temperature reaches the thermal shutdown threshold. If
this happens, the device switches off and the load is disconnected. The monitor/fault pin signal goes to low level
(power-off).
Once the die temperature decreases to the hysteresis value, the device automatically attempts to restart.
Current limit protection is always active and intervenes in case of strong overload or short-circuit on the output. In
such occurrence, the device internal power switch is immediately turned off and the load is disconnected.
Therefore the device immediately tries to activate the output. This on-off cycle is repeated until the overload is
removed or if thermal protection or power limit are activated.
During current limit events the monitor/fault pin is set to high logic level (4.5 V typ.).
7.3
Monitor/fault pin description
The monitor/fault pin provides two useful signals for the real-time control of the device and application status. A
monitor signal proportional to the power is continuously present on the pin. The relation between this signal and
the input power is almost linear and it is shown in Figure 6. Monitor signal vs. power and Figure 17. Monitor
voltage vs. power.
The target accuracy of monitor signal in relation to the input power is +/-15%, in the typical operating condition
(VIN = 12 V, ILOAD = 1 A).
When the power limit threshold is reached, after a settling time ts of about 30 µs, the monitor/fault pin voltage
goes to high logic level for about 10 μs (tf), so that the user can detect the fault.
Therefore the signal goes to low logic level, the output is turned off and the auto-retry cycle starts.
The same happens if the power limit overcomes during the PWM masking time. See the following pictures and
Table 5. Monitor signal truth table for more details.
STPW12
The STPW12 detailed description
DS12478 - Rev 1
page 11/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com