Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPW12 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPW12
Description  Programmable electronic power breaker for 12 V bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPW12 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPW12 Datasheet HTML 9Page - STMicroelectronics STPW12 Datasheet HTML 10Page - STMicroelectronics STPW12 Datasheet HTML 11Page - STMicroelectronics STPW12 Datasheet HTML 12Page - STMicroelectronics STPW12 Datasheet HTML 13Page - STMicroelectronics STPW12 Datasheet HTML 14Page - STMicroelectronics STPW12 Datasheet HTML 15Page - STMicroelectronics STPW12 Datasheet HTML 16Page - STMicroelectronics STPW12 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
7.6
Details about the start-up sequence
The device is not equipped with a soft-start control, in order to comply with the maximum PWM frequency,
therefore in certain applications, featuring high output capacitance after the device and depending on the load
characteristics, the current limit protection could occur during the start-up. The device is immediately turned off
and restarted as described in Section 7.2 Current limit and thermal protections. This kind of on-off cycle can
happen several times until the COUT is fully charged and as a result, the start-up is prolonged.
When VOUT reaches the target value, if power limit threshold is overcome and PWM is still high, due to a short
masking time the device could turn off. The device then starts again after the auto-retry delay time has elapsed.
For all of the above reasons, RD and CS have to be selected carefully in order to achieve the start-up sequence
and time that satisfies the needs of the application.
The UVLO internal signal is deglitched by a delay of 60 μs (typ.) after EN assertion, in order to ensure that all the
circuit functions are ready for the start-up. UVLO, EN, and PWM signals need being correctly asserted so that the
masking time is activated.
During the start-up, attention must be paid in case a specific sequence/connection of VIN, EN and PWM is
needed. The following diagrams show two examples of start-up with masking time activation. Figure 20. Start-up
with PWM tied to VIN shows a start-up with PWM pin connected directly to VIN (PWM function is not used in the
application), whereas Figure 21. Start-up with EN tied to VIN shows a start-up with EN pin tied to VIN (EN function
is not used in the application).
Figure 20. Start-up with PWM tied to VIN
Monitor
Enable
Input voltage=PWM voltage
Output current
Ch1
3V/div
Ch2
2V/div
Ch3
2A/div
Ch4
2V/div
20µs/div
t1
t2
Figure 21. Start-up with EN tied to VIN
Input voltage=Enable voltage
Ch1
3V/div
Ch2
2V/div
Ch3
2A/div
Ch4
2V/div
20µs/div
Monitor
PWM
Output current
With reference to Figure 20. Start-up with PWM tied to VIN, at time t1 the EN signal activates the UVLO
comparator and the UVLO deglitch time starts. At deglitch time expiration (t2) all signals are high, the device is
activated and the masking time starts.
Instead, in the case described in Figure 21. Start-up with EN tied to VIN, the enable is applied to VIN connection,
so the UVLO deglitch time has already expired when PWM signal is asserted. The masking time starts together
with PWM.
STPW12
Details about the start-up sequence
DS12478 - Rev 1
page 13/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com