Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPW12 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPW12
Description  Programmable electronic power breaker for 12 V bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPW12 Datasheet(HTML) 4 Page - STMicroelectronics

  STPW12 Datasheet HTML 1Page - STMicroelectronics STPW12 Datasheet HTML 2Page - STMicroelectronics STPW12 Datasheet HTML 3Page - STMicroelectronics STPW12 Datasheet HTML 4Page - STMicroelectronics STPW12 Datasheet HTML 5Page - STMicroelectronics STPW12 Datasheet HTML 6Page - STMicroelectronics STPW12 Datasheet HTML 7Page - STMicroelectronics STPW12 Datasheet HTML 8Page - STMicroelectronics STPW12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2
Pin configuration
Figure 3. Pin connection (top view)
RSET
VIN
Monitor/fault
PWM
VOUT
EN
RDELAY
CSET
Exposed
pad
Table 1. Pin description
Pin n°
Symbol
Note
1
RSET
An RS resistor between this pin and GND fixes the power limiting threshold
2
VIN
Input voltage
3
PWM
A PWM signal can be provided through this pin to turn-ON/OFF the power switch
If PWM function is not used it is suggested to connect this pin to EN or VIN
4
Monitor/fault Power monitor signal, fault signal
5
CSET
A CS capacitor between this pin and GND sets the auto-retry delay
6
Enable
Enable pin (device active when EN=high)
7
VOUT
Output pin
8
Rdelay
An RD resistor connected between this pin and GND sets the power limit masking time. Do not
connect this pin directly to GND
Exp.pad
GND
Device GND connection
STPW12
Pin configuration
DS12478 - Rev 1
page 4/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com