Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPW12 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPW12
Description  Programmable electronic power breaker for 12 V bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPW12 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPW12 Datasheet HTML 2Page - STMicroelectronics STPW12 Datasheet HTML 3Page - STMicroelectronics STPW12 Datasheet HTML 4Page - STMicroelectronics STPW12 Datasheet HTML 5Page - STMicroelectronics STPW12 Datasheet HTML 6Page - STMicroelectronics STPW12 Datasheet HTML 7Page - STMicroelectronics STPW12 Datasheet HTML 8Page - STMicroelectronics STPW12 Datasheet HTML 9Page - STMicroelectronics STPW12 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
4
Electrical characteristics
VIN = 12 V, VEN = VPWM = 5 V, CI = 10 µF, CO = 10 µF, TJ = 25 °C (unless otherwise specified).
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VIN
Operating input voltage range
VPWM = VIN
10.5
18
V
Under/overvoltage protection
VUVLO
Undervoltage lockout
Turn-on, voltage going up, ILOAD = 5 mA
8.1
V
VHyst
UVLO hysteresis
ILOAD = 5 mA
2.2
V
Power MOSFET
RDSon
ON-resistance
Note:
Pulsed test.
50
70
mΩ
Power limit circuit
ΔP
Power limit accuracy
Limit set to 15 W, RS = 2.7 kΩ
VIN = 12 V, TJ = 25 °C
±3
%
Limit set to 15 W, VIN = 12 V, TJ = 0 to 75 °C (1)
-7.5
+7.5
P
Power limit range
10
16
W
Enable
VIL
Low level input voltage
Output disabled
0.8
V
VIH
High level input voltage
Output enabled
2
V
IEN
Enable pin current
VEN = 12 V
0.1
1
µA
PWM input logic
VSPL
Low level input voltage
Turn-off
0.8
V
VSPH
High level input voltage
Turn-on
2
V
IPWM
PWM pin current
VPWM = 12 V
0.1
1
µA
fPWM
PWM signal frequency
No COUT
2
kHz
D
PWM signal duty cycle
No COUT
20
100
%
Auto-retry circuit
ISET
CS capacitor charging current
During fault condition
0.16
µA
Power limit masking circuit
tmask
Masking time in PWM mode
RD = 1 kΩ
45
µs
Total device
IBias
Bias current
RS = 2.7 kΩ device operational
4
mA
Shutdown mode
40
100
µA
Thermal shutdown
TSD
Shutdown temperature
(2)
160
°C
Hysteresis
15
1. Values over the temperature range are guaranteed by design/correlation and tested in production only at ambient
temperature.
2. Guaranteed by design, but not tested in production.
STPW12
Electrical characteristics
DS12478 - Rev 1
page 6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com