Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPW12 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPW12
Description  Programmable electronic power breaker for 12 V bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPW12 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPW12 Datasheet HTML 8Page - STMicroelectronics STPW12 Datasheet HTML 9Page - STMicroelectronics STPW12 Datasheet HTML 10Page - STMicroelectronics STPW12 Datasheet HTML 11Page - STMicroelectronics STPW12 Datasheet HTML 12Page - STMicroelectronics STPW12 Datasheet HTML 13Page - STMicroelectronics STPW12 Datasheet HTML 14Page - STMicroelectronics STPW12 Datasheet HTML 15Page - STMicroelectronics STPW12 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Figure 18. Monitor signal vs. power
Ch1
1V/div
Ch2
1V/div
Ch3
1V/div
Ch4
1A/div
100µs/div
3
M1
4
2
M1
15W
1
Power
Monitor
Output voltage
Input voltage
Output Current
Figure 19. Monitor signal vs. power (zoom)
ts tf
Power
Monitor
Output voltage
Input voltage
Table 5. Monitor signal truth table
Device status
Mon / fault
Normal operation
IMON
Power limit triggered
High (for 10 μs)
Thermal shutdown
Low
Off-state
Low
Current limit triggered
High
The voltage at high logic level is typically 4.5 V, therefore the pin can be directly interfaced to a 5 V compliant
microcontroller or ADC device.
7.4
Auto-retry delay time setting
The auto-retry delay time, defined as the time between a power interruption event and the device restart, can be
set by choosing the appropriate value for the CS capacitor, according to the graph in Figure 16. Auto-retry delay
time vs. CS.
7.5
PWM mode description, masking time
In this mode the device internal power switch can be driven on/off by an external PWM signal, provided to the
PWM pin (square wave, maximum 2 kHz, duty cycle 20% - 100%). It is important to notice that in this mode the
power limit protection is kept inactive for a delay time (masking time) selected by an external RD resistor (see
Table 6. Masking time vs. RD), so to avoid false triggering during in-rush power events at each PWM signal rising
edge.
Eleven discrete steps are available for the PWM masking time. They can be selected by choosing an appropriate
value of the RD resistor, as shown in the following table, where the standard 1% resistors are used.
For a correct operation of the device, the RDelay pin must not be directly connected to GND, and the minimum
masking time (45 µs) is achieved by using RD = 1 kΩ.
The masking time is measured starting from when the PWM rising edge overcomes the VSPH threshold till the
monitor signal starts increasing (see Figure 7. Masking time, fault signal).
PWM masking time is active also during each start-up cycle (including auto-retry), in order to avoid that inrush
current flowing to the output capacitor triggers the power limit, which would cause a premature shutdown.
STPW12
Auto-retry delay time setting
DS12478 - Rev 1
page 12/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com