Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPW12 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPW12
Description  Programmable electronic power breaker for 12 V bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPW12 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPW12 Datasheet HTML 11Page - STMicroelectronics STPW12 Datasheet HTML 12Page - STMicroelectronics STPW12 Datasheet HTML 13Page - STMicroelectronics STPW12 Datasheet HTML 14Page - STMicroelectronics STPW12 Datasheet HTML 15Page - STMicroelectronics STPW12 Datasheet HTML 16Page - STMicroelectronics STPW12 Datasheet HTML 17Page - STMicroelectronics STPW12 Datasheet HTML 18Page - STMicroelectronics STPW12 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
8
Application guidelines
8.1
Power supply voltage
The device is designed and optimized to work on 12 V power rails, even if the operating supply voltage can range
from 10.5 V to 18 V.
The maximum accuracy of the main operating features is reached for an input voltage of 12 V, therefore the
operation at lower or higher voltages implies some small variations in the characteristic performance.
8.2
Input and output capacitors
Input and output capacitors are mandatory to guarantee the device control loop stability and reduce the transient
effects of stray inductances present in the input and output power paths. In fact when the STPW12 quickly
interrupts the current flow due to power limit or thermal shutdown events, input inductance generates a positive
voltage spike on the input pin and, at same way, the output inductance generates a negative voltage spike on the
output. Such spikes might overcome the absolute maximum voltage ratings of the device and damage the device
itself.
To reduce the effects of such transients, CIN capacitor with a minimum value of 10 μF must be connected
between the input pin and GND and placed as close as possible to the device. For the same reason, COUT
capacitor has to be connected on the output port. The recommended value is 10 μF, if this is compatible with the
required PWM operating frequency.
When the device is supplied via a power line made of very long wires, where input inductance is higher than 3-4
μH, the input capacitance should be increased to 47 μF or more. See also next paragraph for additional
information about protection.
8.3
Additional protections and layout guidelines
Recommended additional protections and methods to address the input/output voltage spikes are the following:
– Minimizing inductance of the input and output tracks, by making short and well dimensioned power traces.
– Using TVS diodes on the input to absorb inductive spikes.
– Schottky diode on the output to absorb negative spikes (for instance the STPS2L30).
– Using a ground plane to connect the GND terminal of the IC (exposed pad) to the system GND.
The CS capacitor, used for the selection of the auto-retry delay time, is charged by a low 160 nA (typ.) current. To
minimize the effect of noisy signals present on this PCB on the Cset pin, resulting in incorrect delay time, the
capacitor should be placed as close as possible to the IC pin and GND.
STPW12
Application guidelines
DS12478 - Rev 1
page 15/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com