Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 384 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 384 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 380Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 381Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 382Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 383Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 384Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 385Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 386Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 387Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 388Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 400 page
background image
Debug and trace
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
TRACEPORTSPEED
Speed of Trace Port clock. Note that the TRACECLK pin output will be
divided again by two from the Trace Port clock.
32MHz
0
Trace Port clock is:
32MHz
16MHz
1
Trace Port clock is:
16MHz
8MHz
2
Trace Port clock is:
8MHz
4MHz
3
Trace Port clock is:
4MHz
4418_1315 v2.0
384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com