Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 24 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 24 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 20Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 21Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 22Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 23Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 24Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 25Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 26Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 27Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 28Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 400 page
background image
Application core
Reserved (TPIU)
MCU ROM table
ROM table
FLASH
0x2000 0000
0x0000 0000
0x00FF 0000
Private peripheral bus
SRAM
Device
0x0000 0000
0x2000 0000
0x4000 0000
0x6000 0000
0x8000 0000
0xA000 0000
0xC000 0000
SCS
0xE00F F000
0xE000 0000
System address map
Address map
FICR
0x4000 0000
APB peripherals
AHB peripherals
0x4080 0000
UICR
0x00FF 8000
Device
RAM
RAM
Non-secure peripheral
SRAM
Code
Secure peripheral
0x5000 0000
APB peripherals
AHB peripherals
0X5000 0000
0x5080 0000
DWT
0xE000 1000
BPU
0xE000 2000
ETM
0xE004 1000
Reserved (MTB)
0xE004 3000
CTI
0xE004 2000
ITM
0xE000 0000
0xFFFF FFFF
0xE000 E000
0xE00F E000
0xE004 0000
Figure 4: Memory map
Some of the registers are retained (their values kept). Read more about retained registers in Retained
registers on page 57 and Reset behavior on page 57.
4.2.2 Instantiation
ID
Base address
Peripheral
Instance
Secure mapping DMA security
Description
3
0x50003000
SPU
SPU
S
NA
System Protection Unit
4418_1315 v2.0
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com