Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 59 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 59 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 55Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 56Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 57Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 58Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 59Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 60Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 61Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 62Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 63Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 400 page
background image
Power and clock management
Condition
Value
Supply
3.7 V
Temperature
25 °C
CPU
WFI (wait for interrupt)/WFE (wait for event) sleep
Peripherals
All idle8
Clock
Not running
RAM
No retention
Cache enabled
Yes
Table 19: Current consumption scenarios, common conditions
Condition
Cat-M1 and Cat-NB1 HD FDD mode
Good channel, RF cable, no errors in DL/UL communication
Network response times at minimum
Output power at antenna port, single-ended 50 Ω
Modem eDRX current consumption quoted with UICC that allows UICC supply shut down at eDRX
intervals. 9 10 11
Modem PSM TAU event energy is measured from the modem PSM wake-up until end of RX inactivity
time
All LTE modem current consumption numbers include application core idle mode consumption
Table 20: Current consumption scenarios, common conditions for LTE modem
5.2.1 Electrical specification
5.2.1.1 Current consumption during System Disabled
Symbol
Description
Min.
Typ.
Max.
Units
ISYSTEM_DISABLED
ENABLE and VDD_GPIO pins grounded
150
nA
8 Except for currents reported for a given peripheral. Peripheral's currents are estimated during
momentary transmission.
9 Required UICC restart current consumption is included.
10 If the used UICC does not support supply shut down, then UICC will remain in clock stop mode.
Depending on the used UICC a clock stop current of typ. 20-60uA@3.7V needs to be added to get
the total average consumption.
11 Minimum UICC supply shut down interval and clock stop mode current consumption must be
obtained from the UICC supplier.
4418_1315 v2.0
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com