Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 19 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 19 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 15Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 16Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 17Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 18Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 19Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 20Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 21Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 22Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 23Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 400 page
background image
Product overview
3.3.9.1 Interrupt clearing and disabling
Interrupts should always be cleared by writing '0' to the corresponding EVENT register.
Until cleared, interrupts will immediately be re-triggered and cause software interrupt service routines to
be executed repeatedly.
Because the clearing of the EVENT register may take a number of CPU clock cycles, the program should
perform a read from the EVENT register that has been cleared before exiting the interrupt service routine.
This will ensure that the EVENT clearing has taken place before the interrupt service routine is exited. Care
should be taken to ensure that the compiler does not remove the read operation as an optimization.
Similarly, when disabling an interrupt inside an interrupt service routine, the program should perform
a read from the INTEN or INTENCLR registers to ensure that the interrupt is disabled before exiting the
interrupt service routine.
3.3.10 Secure/non-secure peripherals
For some peripherals, the security configuration can change from secure to non-secure, or vice versa. Care
must be taken when changing the security configuration of a peripheral, to prevent security information
leakage and ensure correct operation.
The following sequence should be followed, where applicable, when configuring and changing the security
settings of a peripheral in the SPU — System protection unit on page 259:
1. Stop peripheral operation
2. Disable the peripheral
3. Remove pin connections
4. Disable DPPI connections
5. Clear sensitive registers (e.g. writing back default values)
6. Change peripheral security setting in the SPU — System protection unit on page 259
7. Re-enable the peripheral
Note: Changing security settings on a peripheral during runtime is not advisable.
4418_1315 v2.0
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com