Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 77 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 77 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 73Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 74Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 75Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 76Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 77Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 78Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 79Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 80Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 81Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 400 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
ID
R/W
Field
Value ID
Value
Description
A
R
SRC
Clock source
RFU
0
Reserved for future use
LFRC
1
32.768 kHz RC oscillator
LFXO
2
32.768 kHz crystal oscillator
5.3.2.1.22 LFCLKSRC
Address offset: 0x518
Clock source for the LFCLK. LFCLKSTART task starts starts a clock source selected with this register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
ID
R/W
Field
Value ID
Value
Description
A
RW
SRC
Clock source
RFU
0
Reserved for future use (equals selecting LFRC)
LFRC
1
32.768 kHz RC oscillator
LFXO
2
32.768 kHz crystal oscillator
5.3.3 REGULATORS — Voltage regulators control
The REGULATORS module provides an interface to certain configuration settings of on-chip voltage
regulators.
5.3.3.1 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50004000
0x40004000
REGULATORS
REGULATORS :
S
REGULATORS :
NS
US
NA
Regulator configuration
Table 25: Instances
Register
Offset
Security Description
SYSTEMOFF
0x500
System OFF register
DCDCEN
0x578
Enable DC/DC mode of the main voltage regulator.
Table 26: Register overview
5.3.3.1.1 SYSTEMOFF
Address offset: 0x500
System OFF register
4418_1315 v2.0
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com