Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 61 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 61 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 57Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 58Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 59Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 60Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 61Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 62Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 63Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 64Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 65Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 400 page
background image
Power and clock management
5.2.1.8 TIMER
Symbol
Description
Min.
Typ.
Max.
Units
ITIMER0
TIMER running @ 1 MHz
503.7
µA
ITIMER1
TIMER running @ 16 MHz
556.3
µA
5.2.1.9 SPIM
Symbol
Description
Min.
Typ.
Max.
Units
ISPIM0
SPIM transferring data @ 2 Mbps, Clock = HFINT
0.63
mA
ISPIM1
SPIM transferring data @ 2 Mbps, Clock = HFXO
1.58
mA
ISPIM2
SPIM transferring data @ 8 Mbps, Clock = HFINT
0.67
mA
ISPIM3
SPIM transferring data @ 8 Mbps, Clock = HFXO
1.62
mA
5.2.1.10 SPIS
Symbol
Description
Min.
Typ.
Max.
Units
ISPIS_2M
SPIS receiving data @ 2 Mbps, Clock=HFINT
0.63
mA
ISPIS_2MXO
SPIS receiving data @ 2 Mbps, Clock=HFXO
1.58
mA
ISPIS_8M
SPIS receiving data @ 8 Mbps, Clock=HFINT
0.67
mA
ISPIS_8MXO
SPIS receiving data @ 8 Mbps, Clock=HFXO
1.62
mA
5.2.1.11 TWIM
Symbol
Description
Min.
Typ.
Max.
Units
ITWIM_100
TWIM running @ 100 kbps, Clock=HFINT
0.61
mA
ITWIM_400
TWIM running @ 400 kbps, Clock = HFINT
0.61
mA
ITWIM_100XO
TWIM running @ 100 kbps, Clock = HFXO
1.56
mA
ITWIM_400XO
TWIM running @ 400 kbps, Clock = HFXO
1.56
mA
5.2.1.12 TWIS
Symbol
Description
Min.
Typ.
Max.
Units
ITWIS,RUN_100
TWIS transferring data @ 100 kbps, Clock=HFINT
0.60
mA
ITWIS1,RUN_400
TWIS transferring data @ 400 kbps, Clock=HFINT
0.60
mA
ITWIS,RUN_100XO
TWIS transferring data @ 100 kbps, Clock = HFXO
1.55
mA
ITWIS,RUN_400XO
TWIS transferring data @ 400 kbps, Clock = HFXO
1.55
mA
5.2.1.13 UARTE
Symbol
Description
Min.
Typ.
Max.
Units
IUARTE,1M
UARTE transferring data @ 1200 bps
819.2
mA
IUARTE,115K
UARTE transferring data @ 115200 bps
620.6
mA
5.2.1.14 WDT
Symbol
Description
Min.
Typ.
Max.
Units
IWDT
WDT started
2.50
µA
4418_1315 v2.0
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com