Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 69 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 69 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 65Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 66Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 67Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 68Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 69Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 70Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 71Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 72Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 73Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 400 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
G F E
D
C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
NotDetected
0
Not detected
Detected
1
Detected
B
RW
DOG
Reset from global watchdog detected
NotDetected
0
Not detected
Detected
1
Detected
C
RW
OFF
Reset due to wakeup from System OFF mode, when wakeup is
triggered by DETECT signal from GPIO
NotDetected
0
Not detected
Detected
1
Detected
D
RW
DIF
Reset due to wakeup from System OFF mode, when wakeup is
triggered by entering debug interface mode
NotDetected
0
Not detected
Detected
1
Detected
E
RW
SREQ
Reset from AIRCR.SYSRESETREQ detected
NotDetected
0
Not detected
Detected
1
Detected
F
RW
LOCKUP
Reset from CPU lock-up detected
NotDetected
0
Not detected
Detected
1
Detected
G
RW
CTRLAP
Reset triggered through CTRL-AP
NotDetected
0
Not detected
Detected
1
Detected
5.3.1.1.15 POWERSTATUS
Address offset: 0x440
Modem domain power status
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
LTEMODEM
LTE modem domain status
OFF
0
LTE modem domain is powered off
ON
1
LTE modem domain is powered on
5.3.1.1.16 GPREGRET[n] (n=0..1)
Address offset: 0x51C + (n × 0x4)
General purpose retention register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
GPREGRET
General purpose retention register
This register is a retained register
4418_1315 v2.0
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com