Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 41 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 41 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 37Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 38Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 39Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 40Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 41Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 42Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 43Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 44Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 45Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 400 page
background image
Application core
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
R
ROSC4
Sample count for ring oscillator 4
4.6 UICR — User information configuration registers
The user information configuration registers (UICRs) are non-volatile memory (NVM) registers for
configuring user specific settings.
For information on writing UICR registers, see the NVMC — Non-volatile memory controller on page
29 and Memory on page 21 chapters.
4.6.1 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x00FF8000
UICR
UICR
S
NA
User information
configuration
Table 14: Instances
Register
Offset
Security Description
APPROTECT
0x000
Access port protection
XOSC32M
0x014
Oscillator control
HFXOSRC
0x01C
HFXO clock source selection
HFXOCNT
0x020
HFXO startup counter
SECUREAPPROTECT
0x02C
Secure access port protection
ERASEPROTECT
0x030
Erase protection
OTP[n]
0x108
One time programmable memory
KEYSLOT.CONFIG[n].DEST
0x400
Destination address where content of the key value registers (KEYSLOT.KEYn.VALUE[0-3]) will
be pushed by KMU. Note that this address must match that of a peripherals APB mapped
write-only key registers, else the KMU can push this key value into an address range which
the CPU can potentially read.
KEYSLOT.CONFIG[n].PERM
0x404
Define permissions for the key slot. Bits 0-15 and 16-31 can only be written when equal to
0xFFFF.
KEYSLOT.KEY[n].VALUE[o]
0x800
Define bits [31+o*32:0+o*32] of value assigned to KMU key slot.
Table 15: Register overview
4.6.1.1 APPROTECT
Address offset: 0x000
Access port protection
4418_1315 v2.0
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com