Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 89 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 89 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 85Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 86Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 87Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 88Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 89Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 90Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 91Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 92Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 93Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 400 page
background image
Peripherals
PPIBus
SUB[0]
CHIDX
EN
SUB[M-1]
CHIDX
EN
PeripheralCore
Figure 16: DPPI tasks flow
6.2.2 DPPI configuration (DPPIC)
Enabling and disabling of channels globally is handled through the DPPI configuration (DPPIC). Connection
(connect/disconnect) between a channel and a peripheral is handled locally by the PPIBus.
There are two ways of enabling and disabling global channels using the DPPI configuration:
• Enable or disable channels individually using registers CHEN, CHENSET, and CHENCLR.
• Enable or disable channels in channel groups using the groups' tasks ENABLE and DISABLE. It needs to
be defined which channels belong to which channel groups before these tasks are triggered.
Note: ENABLE tasks are prioritized over DISABLE tasks. When a channel belongs to two or more
groups, for example group m and n, and the tasks CHG[m].EN and CHG[n].DIS occur simultaneously
(m and n can be equal or different), the CHG[m].EN task on that channel is prioritized.
The DPPI configuration tasks (for example CHG[0].EN) can be triggered through DPPI like any other task,
which means they can be linked to a DPPI channel through the subscribe registers.
In order to write to CHG[x], the corresponding CHG[x].EN and CHG[x].DIS subscribe registers must be
disabled. Writes to CHG[x] are ignored if any of the two subscribe registers are enabled.
6.2.3 Connection examples
DPPI offers several connection options. Examples are given for how to create one-to-one and many-to-
many connections.
4418_1315 v2.0
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com