Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 128 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 128 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 124Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 125Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 126Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 127Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 128Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 129Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 130Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 131Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 132Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 400 page
background image
Peripherals
6.7.9 Pin configuration
The MCK, SCK, LRCK, SDIN and SDOUT signals associated with the I2S module are mapped to physical pins
according to the pin numbers specified in the PSEL.x registers.
These pins are acquired whenever the I2S module is enabled through the register ENABLE on page 133.
When a pin is acquired by the I2S module, the direction of the pin (input or output) will be configured
automatically, and any pin direction setting done in the GPIO module will be overridden. The directions for
the various I2S pins are shown below in GPIO configuration before enabling peripheral (master mode) on
page 128 and GPIO configuration before enabling peripheral (slave mode) on page 128.
To secure correct signal levels on the pins when the system is in OFF mode, and when the I2S module is
disabled, these pins must be configured in the GPIO peripheral directly.
I2S signal
I2S pin
Direction
Output value
Comment
MCK
As specified in PSEL.MCK
Output
0
LRCK
As specified in PSEL.LRCK
Output
0
SCK
As specified in PSEL.SCK
Output
0
SDIN
As specified in PSEL.SDIN
Input
Not applicable
SDOUT
As specified in PSEL.SDOUT
Output
0
Table 46: GPIO configuration before enabling peripheral (master mode)
I2S signal
I2S pin
Direction
Output value
Comment
MCK
As specified in PSEL.MCK
Output
0
LRCK
As specified in PSEL.LRCK
Input
Not applicable
SCK
As specified in PSEL.SCK
Input
Not applicable
SDIN
As specified in PSEL.SDIN
Input
Not applicable
SDOUT
As specified in PSEL.SDOUT
Output
0
Table 47: GPIO configuration before enabling peripheral (slave mode)
6.7.10 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50028000
0x40028000
I2S
I2S : S
I2S : NS
US
SA
Inter-IC Sound
Table 48: Instances
Register
Offset
Security Description
TASKS_START
0x000
Starts continuous I2S transfer. Also starts MCK generator when this is enabled.
TASKS_STOP
0x004
Stops I2S transfer. Also stops MCK generator. Triggering this task will cause the STOPPED
event to be generated.
SUBSCRIBE_START
0x080
Subscribe configuration for task START
SUBSCRIBE_STOP
0x084
Subscribe configuration for task STOP
EVENTS_RXPTRUPD
0x104
The RXD.PTR register has been copied to internal double-buffers. When the I2S module is
started and RX is enabled, this event will be generated for every RXTXD.MAXCNT words that
are received on the SDIN pin.
EVENTS_STOPPED
0x108
I2S transfer stopped.
EVENTS_TXPTRUPD
0x114
The TDX.PTR register has been copied to internal double-buffers. When the I2S module is
started and TX is enabled, this event will be generated for every RXTXD.MAXCNT words that
are sent on the SDOUT pin.
4418_1315 v2.0
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com