Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 173 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 173 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 169Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 170Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 171Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 172Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 173Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 174Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 175Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 176Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 177Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 400 page
background image
Peripherals
Register
Offset
Security Description
TASKS_SEQSTART[n]
0x008
Loads the first PWM value on all enabled channels from sequence n, and starts playing
that sequence at the rate defined in SEQ[n]REFRESH and/or DECODER.MODE. Causes PWM
generation to start if not running.
TASKS_NEXTSTEP
0x010
Steps by one value in the current sequence on all enabled channels if
DECODER.MODE=NextStep. Does not cause PWM generation to start if not running.
SUBSCRIBE_STOP
0x084
Subscribe configuration for task STOP
SUBSCRIBE_SEQSTART[n]
0x088
Subscribe configuration for task SEQSTART[n]
SUBSCRIBE_NEXTSTEP
0x090
Subscribe configuration for task NEXTSTEP
EVENTS_STOPPED
0x104
Response to STOP task, emitted when PWM pulses are no longer generated
EVENTS_SEQSTARTED[n]
0x108
First PWM period started on sequence n
EVENTS_SEQEND[n]
0x110
Emitted at end of every sequence n, when last value from RAM has been applied to wave
counter
EVENTS_PWMPERIODEND
0x118
Emitted at the end of each PWM period
EVENTS_LOOPSDONE
0x11C
Concatenated sequences have been played the amount of times defined in LOOP.CNT
PUBLISH_STOPPED
0x184
Publish configuration for event STOPPED
PUBLISH_SEQSTARTED[n]
0x188
Publish configuration for event SEQSTARTED[n]
PUBLISH_SEQEND[n]
0x190
Publish configuration for event SEQEND[n]
PUBLISH_PWMPERIODEND
0x198
Publish configuration for event PWMPERIODEND
PUBLISH_LOOPSDONE
0x19C
Publish configuration for event LOOPSDONE
SHORTS
0x200
Shortcuts between local events and tasks
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ENABLE
0x500
PWM module enable register
MODE
0x504
Selects operating mode of the wave counter
COUNTERTOP
0x508
Value up to which the pulse generator counter counts
PRESCALER
0x50C
Configuration for PWM_CLK
DECODER
0x510
Configuration of the decoder
LOOP
0x514
Number of playbacks of a loop
SEQ[n].PTR
0x520
Beginning address in RAM of this sequence
SEQ[n].CNT
0x524
Number of values (duty cycles) in this sequence
SEQ[n].REFRESH
0x528
Number of additional PWM periods between samples loaded into compare register
SEQ[n].ENDDELAY
0x52C
Time added after the sequence
PSEL.OUT[n]
0x560
Output pin select for PWM channel n
Table 61: Register overview
6.10.5.1 TASKS_STOP
Address offset: 0x004
Stops PWM pulse generation on all channels at the end of current PWM period, and stops sequence
playback
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_STOP
Stops PWM pulse generation on all channels at the end of current
PWM period, and stops sequence playback
Trigger
1
Trigger task
4418_1315 v2.0
173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com