Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 239 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 239 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 235Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 236Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 237Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 238Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 239Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 240Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 241Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 242Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 243Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 400 page
background image
Peripherals
Over-read character. Character clocked out in case an over-read of the TXD buffer.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
ORC
Over-read character. Character clocked out in case an over-read of the
TXD buffer.
6.13.7 Electrical specification
6.13.7.1 SPIM master interface electrical specifications
Symbol
Description
Min.
Typ.
Max.
Units
fSPIM
Bit rates for SPIM14
8
Mbps
tSPIM,START
Time from START task to transmission started
1
µs
6.13.7.2 Serial Peripheral Interface Master (SPIM) timing specifications
Symbol
Description
Min.
Typ.
Max.
Units
tSPIM,CSCK
SCK period
125
ns
tSPIM,RSCK,LD
SCK rise time, standard drivea
tRF,25pF
tSPIM,RSCK,HD
SCK rise time, high drivea
tHRF,25pF
tSPIM,FSCK,LD
SCK fall time, standard drivea
tRF,25pF
tSPIM,FSCK,HD
SCK fall time, high drivea
tHRF,25pF
tSPIM,WHSCK
SCK high timea
(0.5*tCSCK)
– tRSCK
tSPIM,WLSCK
SCK low timea
(0.5*tCSCK)
– tFSCK
tSPIM,SUMI
MISO to CLK edge setup time
19
ns
tSPIM,HMI
CLK edge to MISO hold time
18
ns
tSPIM,VMO
CLK edge to MOSI valid
59
ns
tSPIM,HMO
MOSI hold time after CLK edge
20
ns
14 High bit rates may require GPIOs to be set as High Drive, see GPIO chapter for more details.
a At 25pF load, including GPIO pin capacitance, see GPIO spec.
4418_1315 v2.0
239



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com