| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R Datasheet(PDF) 265 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R Datasheet(HTML) 265 Page - Nordic Semiconductor |
|
265 / 400 page ![]() Peripherals RAMREGION[0].PERM RAMNSC[0].REGION == n Access control RAMREGION[n].PERM SPU registers Region #n (secure) NSC subregion 0 RAMNSC[0].SIZE == m m !=0 Region size RAM address space Region #n-1 Region #n+1 2(m+4) bytes Figure 84: Non-secure callable region definition in the RAM memory space The NSC sub-region will only be defined if: • RAMNSC[i].SIZE value is non zero • RAMNSC[i].REGION defines a secure region If RAMNSC[i].REGION and RAMNSC[j].REGION have the same value, there is only one sub-region defined as NSC, with the size given by the maximum of RAMNSC[i].SIZE and RAMNSC[j].SIZE. If RAMNSC[i].REGION defines a non-secure region, then there is no non-secure callable region defined and the selected region stays non-secure. 6.15.3.2 RAM access error reporting The SPU and the logic controlled by it will respond with a certain behavior once an access violation is detected. The following will happen once the logic controlled by the SPU detects an access violation on one of the RAM ports: • The faulty transfer will be blocked • In case of a read transfer, the bus will be driven to zero • Feedback will be sent to the master through specific bus error signals, if this is supported by the master • SecureFault exception will be triggered if security violation is detected for access from Cortex-M33 • BusFault exception will be triggered when read/write/execute protection violation is detected for Cortex-M33. The SPU will also generate an event that can optionally trigger an interrupt towards the CPU. • RAMACCERR event will be triggered if any access violations are detected for all master types but for Cortex-M33 security violation The following table summarizes the SPU behavior based on the type of initiator and access violation: 4418_1315 v2.0 265 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |