Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 283 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 283 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 279Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 280Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 281Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 282Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 283Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 284Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 285Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 286Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 287Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 400 page
background image
Peripherals
If the START task and the STOP task are triggered at the same time, meaning within the same period of
PCLK16M, the STOP task will be prioritized.
If one or more of the CAPTURE tasks and the CLEAR task is triggered at the same time, that is, within
the same period of PCLK16M, the CLEAR task will be prioritized. This means that the CC register for the
relevant CAPTURE task will be set to 0.
6.16.5 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x5000F000
0x4000F000
TIMER
TIMER0 : S
TIMER0 : NS
US
NA
Timer 0
0x50010000
0x40010000
TIMER
TIMER1 : S
TIMER1 : NS
US
NA
Timer 1
0x50011000
0x40011000
TIMER
TIMER2 : S
TIMER2 : NS
US
NA
Timer 2
Table 87: Instances
Register
Offset
Security Description
TASKS_START
0x000
Start Timer
TASKS_STOP
0x004
Stop Timer
TASKS_COUNT
0x008
Increment Timer (Counter mode only)
TASKS_CLEAR
0x00C
Clear time
TASKS_SHUTDOWN
0x010
Shut down timer
This register is deprecated.
TASKS_CAPTURE[n]
0x040
Capture Timer value to CC[n] register
SUBSCRIBE_START
0x080
Subscribe configuration for task START
SUBSCRIBE_STOP
0x084
Subscribe configuration for task STOP
SUBSCRIBE_COUNT
0x088
Subscribe configuration for task COUNT
SUBSCRIBE_CLEAR
0x08C
Subscribe configuration for task CLEAR
SUBSCRIBE_SHUTDOWN
0x090
Subscribe configuration for task SHUTDOWN
This register is deprecated.
SUBSCRIBE_CAPTURE[n]
0x0C0
Subscribe configuration for task CAPTURE[n]
EVENTS_COMPARE[n]
0x140
Compare event on CC[n] match
PUBLISH_COMPARE[n]
0x1C0
Publish configuration for event COMPARE[n]
SHORTS
0x200
Shortcuts between local events and tasks
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
MODE
0x504
Timer mode selection
BITMODE
0x508
Configure the number of bits used by the TIMER
PRESCALER
0x510
Timer prescaler register
ONESHOTEN[n]
0x514
Enable one-shot operation for Capture/Compare channel n
CC[n]
0x540
Capture/Compare register n
Table 88: Register overview
6.16.5.1 TASKS_START
Address offset: 0x000
Start Timer
4418_1315 v2.0
283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com