Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 306 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 306 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 302Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 303Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 304Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 305Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 306Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 307Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 308Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 309Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 310Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
J I
H G F
D
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
J
RW
LASTTX
Write '1' to disable interrupt for event LASTTX
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.17.8.29 ERRORSRC
Address offset: 0x4C4
Error source
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
OVERRUN
Overrun error
A new byte was received before previous byte got transferred into RXD
buffer. (Previous data is lost)
NotReceived
0
Error did not occur
Received
1
Error occurred
B
RW
ANACK
NACK received after sending the address (write '1' to clear)
NotReceived
0
Error did not occur
Received
1
Error occurred
C
RW
DNACK
NACK received after sending a data byte (write '1' to clear)
NotReceived
0
Error did not occur
Received
1
Error occurred
6.17.8.30 ENABLE
Address offset: 0x500
Enable TWIM
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
ENABLE
Enable or disable TWIM
Disabled
0
Disable TWIM
Enabled
6
Enable TWIM
6.17.8.31 PSEL.SCL
Address offset: 0x508
Pin select for SCL signal
4418_1315 v2.0
306



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com