Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 311 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 311 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 307Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 308Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 309Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 310Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 311Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 312Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 313Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 314Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 315Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 400 page
background image
Peripherals
6.17.10 Pullup resistor
R [kΩ]
30
25
20
15
10
5
0
cap [pF]
0
100
200
300
400
500
400 kbps
100 kbps
Figure 96: Recommended TWIM pullup value vs. line capacitance
• The I2C specification allows a line capacitance of 400 pF at most.
• The value of internal pullup resistor (RPU) for nRF9160 can be found in GPIO — General purpose input/
output on page 97.
6.18 TWIS — I2C compatible two-wire interface slave
with EasyDMA
TWI slave with EasyDMA (TWIS) is compatible with I2C operating at 100 kHz and 400 kHz. The TWI
transmitter and receiver implement EasyDMA.
TXD
(signal)
PSEL.SDA
PSEL.SCK
PSEL.SDA
RXD
(signal)
WRITE
SUSPEND
RESUME
RAM
EasyDMA
EasyDMA
RXD.PTR
TXD.PTR
RXD+2
RXD+n
RXD+1
RXD
TXD+2
TXD+n
TXD+1
TXD
READ
STOPPED
PREPARETX
PREPARERX
Figure 97: TWI slave with EasyDMA
A typical TWI setup consists of one master and one or more slaves. For an example, see the following
figure. TWIS is only able to operate with a single master on the TWI bus.
4418_1315 v2.0
311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com