Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 332 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 332 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 328Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 329Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 330Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 331Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 332Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 333Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 334Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 335Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 336Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 400 page
background image
Peripherals
TXD
(signal)
PSELCTS
PSELTXD
PSELRTS
PSELRXD
RXD
(signal)
STARTRX
STOPRX
RXTO
STARTTX
STOPTX
EasyDMA
EasyDMA
RAM
RXD+2
RXD+n
RXD+1
RXD
TXD+2
TXD+n
TXD+1
TXD
RXD.PTR
TXD.PTR
ENDRX
SUSPEND
RESUME
CTS
NCTS
ENDTX
RX
FIFO
Figure 104: UARTE configuration
The GPIOs used for each UART interface can be chosen from any GPIO on the device and are
independently configurable. This enables great flexibility in device pinout and efficient use of board space
and signal routing.
Note: The external crystal oscillator must be enabled to obtain sufficient clock accuracy for stable
communication. See CLOCK — Clock control on page 70 for more information.
6.19.1 EasyDMA
The UARTE implements EasyDMA for reading and writing to and from the RAM.
If the TXD.PTR and the RXD.PTR are not pointing to the Data RAM region, an EasyDMA transfer may result
in a HardFault or RAM corruption. See Memory on page 21 for more information about the different
memory regions.
The .PTR and .MAXCNT registers are double-buffered. They can be updated and prepared for the next RX/
TX transmission immediately after having received the RXSTARTED/TXSTARTED event.
The ENDRX and ENDTX events indicate that the EasyDMA is finished accessing the RX or TX buffer in RAM.
6.19.2 Transmission
The first step of a DMA transmission is storing bytes in the transmit buffer and configuring EasyDMA. This
is achieved by writing the initial address pointer to TXD.PTR, and the number of bytes in the RAM buffer to
TXD.MAXCNT. The UARTE transmission is started by triggering the STARTTX task.
After each byte has been sent over the TXD line, a TXDRDY event will be generated.
When all bytes in the TXD buffer, as specified in the TXD.MAXCNT register, have been transmitted, the
UARTE transmission will end automatically and an ENDTX event will be generated.
A UARTE transmission sequence is stopped by triggering the STOPTX task. A TXSTOPPED event will be
generated when the UARTE transmitter has stopped.
If the ENDTX event has not already been generated when the UARTE transmitter has come to a stop, the
UARTE will generate the ENDTX event explicitly even though all bytes in the TXD buffer, as specified in the
TXD.MAXCNT register, have not been transmitted.
If flow control is enabled through the HWFC field in the CONFIG register, a transmission will be
automatically suspended when CTS is deactivated and resumed when CTS is activated again, as shown in
the following figure. A byte that is in transmission when CTS is deactivated will be fully transmitted before
the transmission is suspended.
4418_1315 v2.0
332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com