Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 337 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 337 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 333Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 334Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 335Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 336Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 337Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 338Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 339Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 340Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 341Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 400 page
background image
Peripherals
Register
Offset
Security Description
EVENTS_RXDRDY
0x108
Data received in RXD (but potentially not yet transferred to Data RAM)
EVENTS_ENDRX
0x110
Receive buffer is filled up
EVENTS_TXDRDY
0x11C
Data sent from TXD
EVENTS_ENDTX
0x120
Last TX byte transmitted
EVENTS_ERROR
0x124
Error detected
EVENTS_RXTO
0x144
Receiver timeout
EVENTS_RXSTARTED
0x14C
UART receiver has started
EVENTS_TXSTARTED
0x150
UART transmitter has started
EVENTS_TXSTOPPED
0x158
Transmitter stopped
PUBLISH_CTS
0x180
Publish configuration for event CTS
PUBLISH_NCTS
0x184
Publish configuration for event NCTS
PUBLISH_RXDRDY
0x188
Publish configuration for event RXDRDY
PUBLISH_ENDRX
0x190
Publish configuration for event ENDRX
PUBLISH_TXDRDY
0x19C
Publish configuration for event TXDRDY
PUBLISH_ENDTX
0x1A0
Publish configuration for event ENDTX
PUBLISH_ERROR
0x1A4
Publish configuration for event ERROR
PUBLISH_RXTO
0x1C4
Publish configuration for event RXTO
PUBLISH_RXSTARTED
0x1CC
Publish configuration for event RXSTARTED
PUBLISH_TXSTARTED
0x1D0
Publish configuration for event TXSTARTED
PUBLISH_TXSTOPPED
0x1D8
Publish configuration for event TXSTOPPED
SHORTS
0x200
Shortcuts between local events and tasks
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ERRORSRC
0x480
Error source
This register is read/write one to clear.
ENABLE
0x500
Enable UART
PSEL.RTS
0x508
Pin select for RTS signal
PSEL.TXD
0x50C
Pin select for TXD signal
PSEL.CTS
0x510
Pin select for CTS signal
PSEL.RXD
0x514
Pin select for RXD signal
BAUDRATE
0x524
Baud rate. Accuracy depends on the HFCLK source selected.
RXD.PTR
0x534
Data pointer
RXD.MAXCNT
0x538
Maximum number of bytes in receive buffer
RXD.AMOUNT
0x53C
Number of bytes transferred in the last transaction
TXD.PTR
0x544
Data pointer
TXD.MAXCNT
0x548
Maximum number of bytes in transmit buffer
TXD.AMOUNT
0x54C
Number of bytes transferred in the last transaction
CONFIG
0x56C
Configuration of parity and hardware flow control
Table 100: Register overview
6.19.9.1 TASKS_STARTRX
Address offset: 0x000
Start UART receiver
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_STARTRX
Start UART receiver
Trigger
1
Trigger task
4418_1315 v2.0
337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com