Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 360 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 360 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 356Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 357Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 358Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 359Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 360Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 361Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 362Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 363Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 364Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 400 page
background image
7 LTE modem
7.1 Introduction
The long term evolution (LTE) modem consists of baseband processing and RF parts, which together
implement a complete 3GPP LTE release 13 (Rel-13) Cat-M1 and Cat-NB1 and LTE release 14 (Rel-14) Cat-
NB1 and Cat-NB2 capable product.
Note: Cat-NB2 is supported in LTE modem HW, but needs modem firmware support to get
enabled. Please refer to nRF9160 modem firmware release notes found under nRF91 FW binaries
downloads concerning availability of Cat-NB2 feature support".
As illustrated in the image below, the following is a part of the LTE modem:
• RF transceiver
• Modem baseband (BB)
• Embedded flash/RAM
• Modem host processor and peripherals
The modem baseband and host processor provide functions for the LTE L1, L2 and L3 (layer 1, 2 and
3 respectively) as well as IP communication layers. Modem peripherals provide hardware services for
modem operating system and for modem secure execution environment.
nRF91
UICC
I/O
Power supply
Application
LTE modem
Arm® Cortex® -M
application processor
Modem host processor
and peripherals
Embedded flash/RAM
Embedded flash/RAM
Application peripherals
Modem baseband
Power and clock
RF transceiver
LTE antenna GPS antenna
Figure 108: LTE modem within the nRF91
Application and modem domains are interacting through interprocessor communication (IPC) mechanism.
LTE modem is accessible to user through the modem API.
The application processor is the master in the system and responsible for starting and stopping of the
modem. LTE modem enables the clocks and power required for its own operation. Shared resources, such
as e.g. clocks, are handled within the platform and require no user involvement. In cases where a hard
fault is detected in the modem, the application domain will perform a hard reset for the modem.
4418_1315 v2.0
360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com