Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 371 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 371 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 367Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 368Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 369Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 370Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 371Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 372Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 373Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 374Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 375Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 400 page
background image
Debug and trace
For details on how to use the debug capabilities, please read the debug documentation of your IDE.
If the device is in System OFF when power is requested via CxxxPWRUPREQ, the system will wake up and
the DIF flag in RESETREAS on page 68 will be set.
9.1.4 Real-time debug
The device supports real-time debugging, which allows interrupts to execute to completion in real time
when breakpoints are set in thread mode or lower priority interrupts.
Real-time debugging thus enables the developer to set a breakpoint and single-step through their code
without a failure of the real-time event-driven threads running at higher priority. For example, this enables
the device to continue to service the high-priority interrupts of an external controller or sensor without
failure or loss of state synchronization while the developer steps through code in a low-priority thread.
9.1.5 Trace
The device supports ETM and ITM trace.
Trace data from the ETM and the ITM is sent to an external debugger via a 4-bit wide parallel trace port
(TPIU), see TRACEDATA[0] through TRACEDATA[3], and TRACECLK in Debug and trace overview on page
369.
For details on how to use the trace capabilities, please read the debug documentation of your IDE.
TPIU's trace pins are multiplexed with GPIOs, see Pin assignments on page 385 for more information.
Note: To configure the trace data delivery to the device trace port, use the MDK system start-up
file included as of MDK version 8.26.0.
Trace speed is configured in the TRACEPORTSPEED (Retained) on page 383 register. The speed of the
trace pins depends on the DRIVE setting of the GPIOs that the trace pins are multiplexed with. See GPIO —
General purpose input/output on page 97 for information about how to set drive settings. Only S0S1 and
H0H1 drives are suitable for debugging. S0S1 is the default DRIVE at reset. If parallel or serial trace port
signals are not fast enough in the debugging conditions, all GPIOs in use for tracing should be set to high
drive (H0H1). The user shall make sure that DRIVE setting for these GPIOs is not overwritten by software
during the debugging session.
9.1.6 Registers
Register
Offset
Security Description
TARGETID
0x042
The TARGETID register provides information about the target when the host is connected to a
single device.
The TARGETID register is accessed by a read of DP register 0x4 when the DPBANKSEL bit in
the SELECT register is set to 0x2.
Table 106: Register overview
9.1.6.1 TARGETID
Address offset: 0x042
The TARGETID register provides information about the target when the host is connected to a single
device.
The TARGETID register is accessed by a read of DP register 0x4 when the DPBANKSEL bit in the SELECT
register is set to 0x2.
4418_1315 v2.0
371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com