Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 388 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 388 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 384Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 385Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 386Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 387Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 388Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 389Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 390Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 391Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 392Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 400 page
background image
Hardware and layout
Pin no
Pin name
Function
Description
101
ENABLE
Enable for the SiP internal regulator for the nRF91 SoC.
Note: The nRF91 will not start until this pin is
enabled.
102
VDD1
Power
Supply voltage
103
VSS
Power
Ground
104-127
Reserved
Do not connect/reserved for future use
Table 112: LGA pin assignments
10.2 Mechanical specifications
The mechanical specifications for the packages show the dimensions in millimeters.
10.2.1 16.00 x 10.50 mm package
Dimensions in millimeters for the nRF9160 LGA 16.00 x 10.50 mm package.
Figure 117: LGA 16.00 x 10.50 mm package
A
b
b1
D
E
e
d1
e1
D2
E2
d2
e2
d3
e3
K
L
L1
L2
L3
Min.
0.98
15.90
10.40
Nom.
1.04
0.30
0.80
16.00
10.50
0.65 0.50
0.50
15.50
10.00
2.00 1.60 0.10
0.10
5.00
7.75 3.25 0.25 4.25
Max.
1.10
16.10
10.60
Table 113: LGA dimensions in millimeters
10.3 Reference circuitry
To ensure good RF performance when designing PCBs, it is highly recommended using the PCB layouts and
component values provided by Nordic Semiconductor.
Documentation for the different package reference circuits, including Altium Designer files, PCB layout
files, and PCB production files can be downloaded from the product page at www.nordicsemi.com.
4418_1315 v2.0
388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com