Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 385 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 385 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 381Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 382Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 383Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 384Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 385Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 386Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 387Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 388Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 389Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 400 page
background image
10 Hardware and layout
10.1 Pin assignments
This section describes the pin assignment and the pin functions.
This device provides flexibility when it comes to routing and configuration of the GPIO pins. However,
some pins have recommendations for how the pin should be configured or what it should be used for. See
LGA pin assignments on page 385 for more information about this.
10.1.1 LGA pin assignments
The pin assignment table and figure describe the assignments.
Figure 116: LGA pin assignments, top view
Pin no
Pin name
Function
Description
1
GND_Shield
Power
Ground
2
P0.05
Digital I/O (SoC)
General purpose I/O
3
P0.06
Digital I/O (SoC)
General purpose I/O
4
P0.07
Digital I/O (SoC)
General purpose I/O
5
GND_Shield
Power
Ground
6
GND_Shield
Power
Ground
7
GND_Shield
Power
Ground
8
GND_Shield
Power
Ground
9
GND_Shield
Power
Ground
10
Reserved
Do not connect/reserved for future use
11
GND_Shield
Power
Ground
12
VDD_GPIO
Power
GPIO power supply input and logic level
13
DEC0
Power
Power supply decoupling. Reserved for Nordic use.
14
GND_Shield
Power
Ground
15
P0.08
Digital I/O (SoC)
General purpose I/O
16
P0.09
Digital I/O (SoC)
General purpose I/O
4418_1315 v2.0
385



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com