Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 383 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 383 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 379Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 380Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 381Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 382Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 383Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 384Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 385Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 386Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 387Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 400 page
background image
Debug and trace
9.3.1.7 PSEL.TRACEDATA2
Address offset: 0x510
Pin configuration for TRACEDATA[2]
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW
PIN
Pin number
Tracedata2
24
TRACEDATA2 pin
Note: Only this pin is valid
B
RW
CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
9.3.1.8 PSEL.TRACEDATA3
Address offset: 0x514
Pin configuration for TRACEDATA[3]
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW
PIN
Pin number
Tracedata3
25
TRACEDATA3 pin
Note: Only this pin is valid
B
RW
CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
9.3.1.9 TRACEPORTSPEED (Retained)
Address offset: 0x518
Clocking options for the Trace Port debug interface
Reset behavior is the same as debug components
This register is retained.
4418_1315 v2.0
383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com