Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 379 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 379 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 375Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 376Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 377Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 378Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 379Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 380Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 381Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 382Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 383Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 400 page
background image
Debug and trace
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
RXDATA
Data received from debugger
9.2.6.2 MAILBOX.RXSTATUS
Address offset: 0x404
This register shows a status that indicates if data sent from the debugger to the CPU has been read.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
RXSTATUS
Status of data in register RXDATA
NoDataPending
0
No data pending in register RXDATA
DataPending
1
Data pending in register RXDATA
9.2.6.3 MAILBOX.TXDATA
Address offset: 0x480
Data sent from the CPU to the debugger.
Writing to this register will automatically set a DataPending value in the TXSTATUS register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
TXDATA
Data sent to debugger
9.2.6.4 MAILBOX.TXSTATUS
Address offset: 0x484
This register shows a status that indicates if the data sent from the CPU to the debugger has been read.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
TXSTATUS
Status of data in register TXDATA
NoDataPending
0
No data pending in register TXDATA
DataPending
1
Data pending in register TXDATA
9.2.6.5 ERASEPROTECT.LOCK
Address offset: 0x500
This register locks the ERASEPROTECT.DISABLE register from being written until next reset.
4418_1315 v2.0
379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com