Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 378 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 378 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 374Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 375Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 376Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 377Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 378Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 379Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 380Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 381Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 382Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 400 page
background image
Debug and trace
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
Status
Status of register DATA
NoDataPending
0
No data pending in register RXDATA
DataPending
1
Data pending in register RXDATA
9.2.5.1.11 IDR
Address offset: 0x0FC
CTRL-AP Identification Register, IDR
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
E E E E D D D D C C C C C C C B B B B
A A A A A A A A
Reset 0x12880000
0 0 0 1 0 0 1 0 1 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
APID
AP Identification
B
R
CLASS
Access Port (AP) class
NotDefined
0x0
No defined class
MEMAP
0x8
Memory Access Port
C
R
JEP106ID
JEDEC JEP106 identity code
D
R
JEP106CONT
JEDEC JEP106 continuation code
E
R
REVISION
Revision
9.2.6 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50006000
CTRLAPPERI
CTRL_AP_PERI S
NA
CTRL-AP-PERI
Table 108: Instances
Register
Offset
Security Description
MAILBOX.RXDATA
0x400
Data sent from the debugger to the CPU.
MAILBOX.RXSTATUS
0x404
This register shows a status that indicates if data sent from the debugger to the CPU has been
read.
MAILBOX.TXDATA
0x480
Data sent from the CPU to the debugger.
MAILBOX.TXSTATUS
0x484
This register shows a status that indicates if the data sent from the CPU to the debugger has
been read.
ERASEPROTECT.LOCK
0x500
This register locks the ERASEPROTECT.DISABLE register from being written until next reset.
ERASEPROTECT.DISABLE
0x504
This register disables the ERASEPROTECT register and performs an ERASEALL operation.
Table 109: Register overview
9.2.6.1 MAILBOX.RXDATA
Address offset: 0x400
Data sent from the debugger to the CPU.
Reading from this register will automatically set a NoDataPending value in the RXSTATUS register.
4418_1315 v2.0
378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com