Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 376 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 376 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 372Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 373Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 374Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 375Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 376Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 377Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 378Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 379Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 380Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 400 page
background image
Debug and trace
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
ERASEALLSTATUS
Status bit for the ERASEALL operation
Ready
0
ERASEALL is ready
Busy
1
ERASEALL is busy (on-going)
9.2.5.1.4 APPROTECT.STATUS
Address offset: 0x00C
This is the status register for the UICR access port protection.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
APPROTECT
Status bit for access port protection
Note: The reset value is auto read from the APPROTECT
register in UICR.
Enabled
0
APPROTECT is enabled
Disabled
1
APPROTECT is disabled
B
R
SECUREAPPROTECT
Status bit for secure access port protection
Note: The reset value is auto read from the
SECUREAPPROTECT register in UICR.
Enabled
0
SECUREAPPROTECT is enabled
Disabled
1
SECUREAPPROTECT is disabled
9.2.5.1.5 ERASEPROTECT.STATUS
Address offset: 0x018
This is the status register for the UICR ERASEPROTECT configuration.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
PALL
Status bit for erase protection
Note: The reset value is auto read from the ERASEPROTECT
register in UICR.
Enabled
0
ERASEPROTECT is enabled
Disabled
1
ERASEPROTECT is not enabled and ERASEALL can be performed
9.2.5.1.6 ERASEPROTECT.DISABLE
Address offset: 0x01C
This register disables ERASEPROTECT and performs ERASEALL.
4418_1315 v2.0
376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com